Part Number Hot Search : 
V18ZS2 RFP450 TS1004 S1503 TEF6730 R20100 DA221M JS5208
Product Description
Full Text Search
 

To Download SF0140BA02393S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc. TYPICAL PERFORMANCE
140 MHz SAW Bandpass Filter 72 MHz bandwidth Part Number SF0140BA02393S
Horizontal: 20 MHz/div
Vertical (from top):
Magnitude Magnitude Phase Linearity
10 1 5
dB/div dB/div deg/div
SPECIFICATION
Parameter 1 Center Frequency ( Fc)
2 3
Min.
Typ. 140
Max. 22.5 109.00
Units. MHz dB MHz MHz MHz MHz MHz MHz dB p-p deg p-p ns p-p dB dB dB dB ppm/ C
Insertion Loss at 140 MHz Lower 1.5 dB Band Edge Upper 1.5 dB Band Edge Lower 3 dB Band Edge Upper 3 dB Band edge Lower 35 dB Band edge Upper 35 dB band Edge
171.00 104.00 176.00 92.00 187.00 1.5 10 100 45 40 40 40 50 YZ-LiNbO3 -90
Amplitude Variation (109-171 MHz)) Phase Linearity (109-171 MHz) Group Delay Variation (109-171 MHz) Rejection (15 to 75 MHz) (75 to 89 MHz) (193 to 215 MHz) (215 to 298 MHz) Source and Load Impedance Substrate Material Temperature Coefficient of frequency Notes:
1. All specifications for a device match to a 50 ohm system impedance. 2. Average of the two 3 dB frequency points. 3. All dB values are referenced to the insertion loss. Rev X3 20-Apr-05
Page 1 of 2
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc. PACKAGE OUTLINE
140 MHz SAW Bandpass Filter 72 MHz bandwidth Part Number SF0140BA02393S
Units: mm Pad Configuration: Input: 9 Input return: 10 Output: 4 Output Return: 5 Case Ground: All other pins
MATCHING CIRCUIT
9
4
10 Typical component values: (Minimum inductor Q = 40) Ls1 = 94.3 nH
5 Ls2 = 82 nH
Notes * Recommend use of 2% tolerance components. * Optimum values depend on board layout. Values intended as guide only.
ISO 9001 Registered
Rev X3 20-Apr-05
Page 2 of 2
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3


▲Up To Search▲   

 
Price & Availability of SF0140BA02393S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X